Part Number Hot Search : 
MBD101 1N5397GP SM9501A M51785 MEGA16U 0310505 EVALZ C1024
Product Description
Full Text Search
 

To Download 2SB745 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB745, 2SB745A
Silicon PNP epitaxial planer type
For low-frequency and low-noise amplification Complementary to 2SD661 and 2SD661A
Unit: mm
6.90.1
0.4
q q q
2.40.2 2.00.2 3.50.1
Low noise voltage NV. High foward current transfer ratio hFE. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board. (Ta=25C)
1.0
s
2.50.1 1.0
Features
1.5
1.5 R0.9 R0.9
1.00.1
R
0.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB745 2SB745A 2SB745 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
0.85
0.550.1
1.250.05
0.450.05
Ratings -35 -55 -35 -55 -5 -200 -50 400 150 -55 ~ +150
Unit V
3 2 1
emitter voltage 2SB745A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V mA mA mW C C
1:Base 2:Collector 3:Emitter
2.5
2.5
EIAJ:SC-71 M Type Mold Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SB745 2SB745A 2SB745 2SB745A
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE
*
Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCB = -5V, IE = 2mA IC = -100mA, IB = -10mA VCE = -1V, IC = -100mA VCB = -5V, IE = 2mA, f = 200MHz VCE = -10V, IC = -1mA, GV = 80dB Rg = 100k, Function = FLAT
min
typ
max -100 -1
4.10.2
4.50.1
7
Unit nA A V
-35 -55 -35 -55 -5 180 700 - 0.6 - 0.7 150 150 -1
V V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage
*h
VCE(sat) VBE fT NV
V V MHz mV
FE
Rank classification
R 180 ~ 360 S 260 ~ 520 T 360 ~ 700 hFE
Rank
1
Transistor
PC -- Ta
500 -160 -140
2SB745, 2SB745A
IC -- VCE
Ta=25C -160 VCE=-5V Ta=25C -140
IC -- I B
Collector power dissipation PC (mW)
450 400 350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
Collector current IC (mA)
-120 -100 -80 -60 -40 -20 0 0 -2 -4 -6 -8
-300A -250A -200A -150A -100A -50A
Collector current IC (mA)
IB=-350A
-120 -100 -80 -60 -40 -20 0
-10
-12
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
IB -- VBE
-800 VCE=-5V Ta=25C -700 -100 -120
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 VCE=-5V 25C Ta=75C -80 -25C
VCE(sat) -- IC
IC/IB=10
Base current IB (A)
-600 -500 -400 -300 -200 -100 0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0
Collector current IC (mA)
-60
-40
- 0.3 25C - 0.1
Ta=75C
-20
-25C
- 0.03 - 0.01 - 0.1 - 0.3
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
-1
-3
-10
-30
-100
Base to emitter voltage VBE (V)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
600 VCE=-5V 500 450 500 Ta=75C 400 25C
fT -- I E
Collector output capacitance Cob (pF)
VCB=-5V Ta=25C 20 18 16 14 12 10 8 6 4 2 0 - 0.1 - 0.3
Cob -- VCB
IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
10 30 100
400 350 300 250 200 150 100 50
300
-25C
200
100
0 0.1
0.3
1
3
0 0.1
0.3
1
3
10
30
100
-1
-3
-10
-30
-100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Transistor
NV -- VCE
160 140 IC=-1mA GV=80dB Function=FLAT 300 IC=-1mA GV=80dB Function=RIAA
2SB745, 2SB745A
NV -- VCE
160 140 VCE=-10V GV=80dB Function=FLAT
NV -- IC
Noise voltage NV (mV)
Noise voltage NV (mV)
120 Rg=100k 100 80 60 40 4.7k 20 0 -1 22k
Noise voltage NV (mV)
240 Rg=100k 180
120 100 80 60 22k 40 4.7k 20 0 - 0.01 Rg=100k
120 22k 60 4.7k
-3
-10
-30
-100
0 -1
-3
-10
-30
-100
- 0.03
- 0.1
- 0.3
-1
Collector to emitter voltage VCE (V)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
NV -- IC
300 VCE=-10V GV=80dB Function=RIAA 160 140
NV -- Rg
300 VCE=-10V GV=80dB Function=FLAT
NV -- Rg
VCE=-10V GV=80dB Function=RIAA
Noise voltage NV (mV)
Noise voltage NV (mV)
120 100 80 60 IC=-1mA 40 - 0.5mA 20 0 - 0.1mA
180
Noise voltage NV (mV)
240
240
180
120
Rg=100k 22k 4.7k
120
60
60 - 0.5mA 0
IC=-2mA - 0.1mA 10 30 100
0 - 0.01
- 0.03
- 0.1
- 0.3
-1
1
3
10
30
100
1
3
Collector current IC (mA)
Signal source resistance Rg (k)
Signal source resistance Rg (k)
3


▲Up To Search▲   

 
Price & Availability of 2SB745

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X